PART |
Description |
Maker |
FMD28-461-14 |
EMI Input Filters 28 Volt input ?7 Amp
|
Interpoint Corporation ...
|
STF28-461_HH STF28-461_KH STF28-461/KH STF28-461HH |
STF28-461 EMI Input Filters
|
Crane Aerospace & Electronics.
|
BLM11A102SGPT BLM11A121SGPB BLM11A121SGPT1 BLM11A4 |
SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
|
Murata Manufacturing Co... MURATA[Murata Manufacturing Co., Ltd.] ETC
|
BLM03AG700SN1 BLM15AG100SN1 BLM15AG700SN1 BLM15BB0 |
Circular Connector; No. of Contacts:32; Series:MS27468; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:19-32 RoHS Compliant: No 20 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor LJT 32C 32#20 PIN WALL RECP TOOLS,HEX BITS,SETS,FOLD UP TOOL SET, GORILLA GRIP, NUMBER OF PIECE-12, SIZE 1.5, 2, 2.5, 3, 4, 5MM, 5/64IN. 3, 3/32IN. , 7/64IN. T, 1/8IN. F, 9/64IN. 1, 5/32IN. P,HAND TOOLS,GORILLA GRIP® FOLD-UP TOOL SETS ,BONDHUS TOOLS,HEX BITS,SETS,FOLD UP TOOL SET, GORILLA GRIP, NUMBER OF PIECE-9, SIZE 5/64IN. - 1/4IN. O,HAND TOOLS,GORILLA GRIP® FOLD-UP TOOL SETS ,BONDHUS RoHS Compliant: NA TOOLS,HEX BITS,SETS,FOLD UP TOOL SET, GORILLA GRIP, NUMBER OF PIECE-9, SIZE .050IN. , 3/16IN. O,HAND TOOLS,GORILLA GRIP® FOLD-UP TOOL SETS ,BONDHUS ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% SCREW MACH PHIL 6-32X5/8 NYLON SCREW MACH PHIL 8-32X1 NYLON Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle On-Board Type (DC) EMI Suppression Filters 4 FUNCTIONS, 10 V, 0.12 A, DATA LINE FILTER On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 16 V, 0.15 A, DATA LINE FILTER On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 2 A, FERRITE CHIP On-Board Type (DC) EMI Suppression Filters 4 FUNCTIONS, 6 V, 0.015 A, DATA LINE FILTER On-Board Type (DC) EMI Suppression Filters 4 FUNCTIONS, 6 V, 0.02 A, DATA LINE FILTER 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor 1 FUNCTIONS, 0.3 A, FERRITE CHIP On-Board Type (DC) EMI Suppression Filters 板上型(DC)的EMI静噪滤波 640 x 480 pixel format, CFL Backlight with power harness 1 FUNCTIONS, 25 V, 6 A, DATA LINE FILTER On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 0.1 A, FERRITE CHIP On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 0.2 A, FERRITE CHIP On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 0.3 A, FERRITE CHIP On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 0.25 A, FERRITE CHIP On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 1.5 A, FERRITE CHIP On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 0.5 A, FERRITE CHIP On-Board Type (DC) EMI Suppression Filters 2 FUNCTIONS, 50 V, 0.5 A, DATA LINE FILTER On-Board Type (DC) EMI Suppression Filters 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor 1 FUNCTIONS, 1 A, FERRITE CHIP On-Board Type (DC) EMI Suppression Filters 2 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER On-Board Type (DC) EMI Suppression Filters 2 FUNCTIONS, 50 V, 1 A, DATA LINE FILTER On-Board Type (DC) EMI Suppression Filters 4 FUNCTIONS, 25 V, 0.2 A, FEED THROUGH CAPACITOR On-Board Type (DC) EMI Suppression Filters 2 FUNCTIONS, 5 V, 0.16 A, DATA LINE FILTER Circular Connector; No. of Contacts:66; Series:MS27472; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% On-Board Type (DC) EMI Suppression Filters
|
Murata Manufacturing Co., Ltd. http:// MURATA MANUFACTURING CO LTD Murata Manufacturing Co., L... Murata Manufacturing Co...
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
LFB212G45CG1B187 LFB215G12SG8A178 LFB215G12SG8A183 |
Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
TCET28H-123 TCET28H-182 TCET28H-223 TCET28H-393 TC |
TCUU98V EMI Line Filters
|
Token Electronics Industry Co., Ltd.
|
TCET24B-103 TCET24B-153 TCET24B-203 TCET24B-252 TC |
TCUU98V EMI Line Filters
|
Token Electronics Industry Co., Ltd.
|
PLF-6DZ2KR PLF-1DZ2KR PLF-3DZ2KR |
EMI/RFI POWER LINE FILTERS
|
Adam Technologies, Inc.
|
LX7202-15ISF LX7202-22ISF |
Integrated EMI Filters and TVS diodes
|
Microsemi
|
BL02RN1R3J2B BL02RN2R1M2B |
On-Board Type (DC) EMI Suppression Filters
|
ETC
|
|